Part Number Hot Search : 
14N03L KS8993I DTC14 KBL10 CLL5237A 104J100 XF001 73120
Product Description
Full Text Search
 

To Download MBR1045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBR1020 THRU MBR10100
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +175C Microsemi Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum RMS Voltage Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
TO-220AC
B C K L M D A
PIN 1 2
MBR1020 MBR1030 MBR1035 MBR1040 MBR1045 MBR1060 MBR1080 MBR10100
MBR1020 MBR1030 MBR1035 MBR1040 MBR1045 MBR1060 MBR1080 MBR10100
14V 21V 24.5V 28V 31.5V 42V 56V 70V
E
F G I H J N
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element MBR1020-1045 MBR1045-1060 MBR1080-10100 Maximum DC Reverse Current At Rated DC Blocking Voltage MBR1020-1045 MBR1060-10100 Typical Junction Capacitance IF(AV) IFSM 10A 150A TC = 125C 8.3ms, half sine
A B C D E F G H I J K L M N
PIN 1 PIN 2
CASE
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 4.83 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 5.33 1.14 0.64 4.09 4.83 1.40 2.92
VF
.84V .95V .84V
IFM = 20 A mper TA = 25C I FM = 10 A mper
IR
0.1mA TJ = 25C 0.15mA 400pF Measured at 1.0MHz, VR=4.0V
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .190 .210 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
CJ
*Pulse test: Pulse width 300 sec, Duty cycle 1%
www.mccsemi.com
MBR1020 thru MBR10100
Figure 1 Typical Forward Characteristics 100 60 40 20 MBR1020-1045 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .3 .4 .5 .6 .7 .8 MBR1080-10100 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 50 75 MBR1060 10 6 4 2 1 .6 .4
MCC
Figure 2 Typical Reverse Characteristics
100 Volts
125 150
175
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 10
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 150
9 125 8 100 75 Amps 6 25 5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 125 150 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 50
7 Amps
2
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR1045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X